| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATtiny85 Datasheet(PDF) 93 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny85 Datasheet(HTML) 93 Page - ATMEL Corporation |
|
93 / 196 page ![]() 93 7598H–AVR–07/09 ATtiny25/45/85 15. Dead Time Generator The Dead Time Generator is provided for the Timer/Counter1 PWM output pairs to allow driving external power control switches safely. The Dead Time Generator is a separate block that can be connected to Timer/Counter1 and it is used to insert dead times (non-overlapping times) for the Timer/Counter1 complementary output pairs (OC1A-OC1A and OC1B-OC1B). The sharing of tasks is as follows: the timer/counter generates the PWM output and the Dead Time Genera- tor generates the non-overlapping PWM output pair from the timer/counter PWM signal. Two Dead Time Generators are provided, one for each PWM output. The non-overlap time is adjust- able and the PWM output and it’s complementary output are adjusted separately, and independently for both PWM outputs. Figure 15-1. Timer/Counter1 & Dead Time Generators The dead time generation is based on the 4-bit down counters that count the dead time, as shown in Figure 46. There is a dedicated prescaler in front of the Dead Time Generator that can divide the Timer/Counter1 clock (PCK or CK) by 1, 2, 4 or 8. This provides for large range of dead times that can be generated. The prescaler is controlled by two control bits DTPS11..10 from the I/O register at address 0x23. The block has also a rising and falling edge detector that is used to start the dead time counting period. Depending on the edge, one of the transitions on the rising edges, OC1x or OC1x is delayed until the counter has counted to zero. The compara- tor is used to compare the counter with zero and stop the dead time insertion when zero has been reached. The counter is loaded with a 4-bit DT1xH or DT1xL value from DT1x I/O register, depending on the edge of the PWM generator output when the dead time insertion is started. Figure 15-2. Dead Time Generator TIMER/COUNTER1 OC1A OC1A OC1B OC1B DEAD TIME GENERATOR PWM GENERATOR PCKE T15M PCK CK DT1AH DT1BH DEAD TIME GENERATOR PWM1B PWM1A DT1AL DT1BL CLOCK CONTROL OC1x OC1x T/C1 CLOCK PWM1x 4-BIT COUNTER COMPARATOR DT1x I/O REGISTER DEAD TIME PRESCALER DTPS11..10 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |