Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATtiny85 Datasheet(PDF) 171 Page - ATMEL Corporation

No. de pieza ATtiny85
Descripción Electrónicos  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85 Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button ATtiny85 Datasheet HTML 167Page - ATMEL Corporation ATtiny85 Datasheet HTML 168Page - ATMEL Corporation ATtiny85 Datasheet HTML 169Page - ATMEL Corporation ATtiny85 Datasheet HTML 170Page - ATMEL Corporation ATtiny85 Datasheet HTML 171Page - ATMEL Corporation ATtiny85 Datasheet HTML 172Page - ATMEL Corporation ATtiny85 Datasheet HTML 173Page - ATMEL Corporation ATtiny85 Datasheet HTML 174Page - ATMEL Corporation ATtiny85 Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 196 page
background image
171
7598H–AVR–07/09
ATtiny25/45/85
23.7
BOD Thresholds and Analog Comparator Offset
Figure 23-31. BOD Thresholds vs. Temperature (BODLEVEL Is 4.3V)
Figure 23-32. BOD Thresholds vs. Temperature (BODLEVEL Is 2.7V)
BOD THRES HOLDS vs . TEMP ERATURE
BODLEVEL = 4.3V
Ris ing
Falling
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
4.4
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140
Te mperature (C)
BOD THRES HOLDS vs . TEMP ERATURE
BODLEVEL = 2.7V
Ris ing
Fa lling
2.5
2.55
2.6
2.65
2.7
2.75
2.8
-50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140
Te mperature (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com