| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT697F Datasheet(PDF) 118 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT697F Datasheet(HTML) 118 Page - ATMEL Corporation |
|
118 / 155 page ![]() Table 106. PCI Target Status-Command Register - PCITSC Address = 0x80000160 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 reserved tms[3:0] r/w r/w r/w r/w r/w r/w r/w 0x0000 00 0 0 0 1 1 0000 Bit Number Mnemonic Description 8 frty Force Retry Set automatically during long delayed read to prevent the read from being overwritten (Debug Purpose only) Cleared by writing a 1. 7 errmem Reception Fifo parity error ‘0’ = Do not save data with parity error ‘1’ = Data with parity error is saved to memory 6 xff TXMT Fifo full ‘1’ = force transmistion to abort 5 xfe TXMT Fifo empty ‘1’ = flushes TXMT Fifo 4 rfe TRCV Fifo empty ‘1’ = flushes TRCV Fifo 3..0 tms[3:0] Target AHB master state ‘1111’ = reset the state machine Table 107. PCI Interrupt Enable Register - PCIITE Address = 0x80000164 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 reserved r/w r/w r/w r/w r/w r/w r/w r/w r/w 0x0000 00 0 0 0 0 0 0 0 0 118 7703C–AERO–6/09 AT697F ADVANCE INFORMATION Bit Number Mnemonic Description 7 dmaer DMA end of transfer ‘0’ = disable ‘1’ = enable 6 imier Initiator error ‘0’ = disable ‘1’ = enable 5 cmfer PCI core error ‘0’ = disable ‘1’ = enable 4 imper Initiator Parity error ‘0’ = disable ‘1’ = enable 3 tier Target error ‘0’ = disable ‘1’ = enable |