Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6456GLFD Datasheet(PDF) 96 Page - Renesas Technology Corp

No. de pieza R5F6456GLFD
Descripción Electrónicos  RENESAS MCU
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 92Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 93Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 94Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 95Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 96Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 97Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 118 page
background image
REJ03B0233-0102 Rev.1.02 Nov 30, 2009
Page 96 of 115
R32C/156 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.22
Timer A Input (Counting input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock period
200
ns
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.23
Timer A Input (Gating input in timer mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock period
400
ns
tw(TAH)
TAiIN input high level pulse width
180
ns
tw(TAL)
TAiIN input low level pulse width
180
ns
Table 5.24
Timer A Input (External trigger input in one-shot timer mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TA)
TAiIN input clock period
200
ns
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.25
Timer A Input (External trigger input in pulse-width modulation mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(TAH)
TAiIN input high level pulse width
80
ns
tw(TAL)
TAiIN input low level pulse width
80
ns
Table 5.26
Timer A Input (Increment/decrement count switching input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(UP)
TAiOUT input clock period
2000
ns
tw(UPH)
TAiOUT input high level pulse width
1000
ns
tw(UPL)
TAiOUT input low level pulse width
1000
ns
tsu(UP-TIN)
TAiOUT input setup time
400
ns
th(TIN-UP)
TAiOUT input hold time
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com