Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6411FDFP Datasheet(PDF) 16 Page - Renesas Technology Corp

No. de pieza R5F6411FDFP
Descripción Electrónicos  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F6411FDFP Datasheet HTML 12Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 13Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 14Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 15Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 16Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 17Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 18Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 19Page - Renesas Technology Corp R5F6411FDFP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
REJ03B0227-0110 Rev.1.10 Sep 17, 2009
Page 16 of 99
R32C/111 Group
1. Overview
Table 1.9
Pin Characteristics for the 100-pin Package (2/3)
Pin No.
Control
Pin
Port
Interrupt
Pin
Timer Pin
UART Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
QFP LGA
40
K6
P5_4
TXD7
HLDA/CS1
41
H7
P5_3
CLKOUT/
BCLK
42
J7
P5_2
RD
43
K7
P5_1
WR1/BC1
44
K8
P5_0
WR0/WR
45
G7
P4_7
TXD6/SDA6/SRXD6
CS0/A23
46
J8
P4_6
RXD6/SCL6/STXD6
CS1/A22
47
H8
P4_5
CLK6
CS2/A21
48
G8
P4_4
CTS6/RTS6/SS6
CS3/A20
49
K9
P4_3
TXD3/SDA3/SRXD3 OUTC2_0/ISTXD2/
IEOUT
A19
50
K10
P4_2
RXD3/SCL3/STXD3 ISRXD2/IEIN
A18
51
J10
P4_1
CLK3
A17
52
J9
P4_0
CTS3/RTS3/SS3
A16
53
H9
P3_7
TA4IN/
U
A15(/D15)
54
H10
P3_6
TA4OUT/U
A14(/D14)
55
F6
P3_5
TA2IN/
W
A13(/D13)
56
F7
P3_4
TA2OUT/W
A12(/D12)
57
G9
P3_3
TA1IN/
V
A11(/D11)
58
G10
P3_2
TA1OUT/V
A10(/D10)
59
F8
P3_1
TA3OUT
UD0B/UD1B
A9(/D9)
60
F9
VCC2
61
F10
P3_0
TA0OUT
UD0A/UD1A
A8(/D8)
62
E8
VSS
63
E9
P2_7
AN2_7
A7(/D7)
64
E10
P2_6
AN2_6
A6(/D6)
65
E7
P2_5
AN2_5
A5(/D5)
66
D7
P2_4
AN2_4
A4(/D4)
67
D8
P2_3
AN2_3
A3(/D3)
68
D10
P2_2
AN2_2
A2(/D2)
69
D9
P2_1
AN2_1
A1(/D1)
70
C10
P2_0
AN2_0
A0(/D0)/
BC0(/D0)
71
C9
P1_7
INT5
IIO0_7/IIO1_7
D15
72
E6
P1_6
INT4
IIO0_6/IIO1_6
D14
73
B9
P1_5
INT3
IIO0_5/IIO1_5
D13
74
B10
P1_4
IIO0_4/IIO1_4
D12
75
A10
P1_3
IIO0_3/IIO1_3
D11
76
A9
P1_2
IIO0_2/IIO1_2
D10
77
C8
P1_1
IIO0_1/IIO1_1
D9
78
C7
P1_0
IIO0_0/IIO1_0
D8
79
A8
P0_7
AN0_7
D7