Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATmega162-16AI Datasheet(PDF) 94 Page - ATMEL Corporation

No. de pieza ATmega162-16AI
Descripción Electrónicos  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 90Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 91Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 92Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 93Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 94Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 95Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 96Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 97Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 324 page
background image
94
2513K–AVR–07/09
ATmega162/V
The design of the output compare pin logic allows initialization of the OC0 state before the out-
put is enabled. Note that some COM01:0 bit settings are reserved for certain modes of
operation. See “8-bit Timer/Counter Register Description” on page 100.
Compare Output Mode
and Waveform
Generation
The Waveform Generator uses the COM01:0 bits differently in Normal, CTC, and PWM modes.
For all modes, setting the COM01:0 = 0 tells the Waveform Generator that no action on the OC0
Register is to be performed on the next Compare Match. For Compare Output actions in the
non-PWM modes refer to Table 48 on page 101. For fast PWM mode, refer to Table 49 on page
101, and for phase correct PWM refer to Table 50 on page 101.
A change of the COM01:0 bits state will have effect at the first Compare Match after the bits are
written. For non-PWM modes, the action can be forced to have immediate effect by using the
FOC0 strobe bits.
Modes of
Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins, is
defined by the combination of the Waveform Generation mode (WGM01:0) and Compare Output
mode (COM01:0) bits. The Compare Output mode bits do not affect the counting sequence,
while the Waveform Generation mode bits do. The COM01:0 bits control whether the PWM out-
put generated should be inverted or not (inverted or non-inverted PWM). For non-PWM modes
the COM01:0 bits control whether the output should be set, cleared, or toggled at a Compare
Match (See “Compare Match Output Unit” on page 93.).
For detailed timing information refer to Figure 40, Figure 41, Figure 42 and Figure 43 in
“Timer/Counter Timing Diagrams” on page 98.
Normal Mode
The simplest mode of operation is the Normal mode (WGM01:0 = 0). In this mode the counting
direction is always up (incrementing), and no counter clear is performed. The counter simply
overruns when it passes its maximum 8-bit value (TOP = 0xFF) and then restarts from the bot-
tom (0x00). In normal operation the Timer/Counter Overflow Flag (TOV0) will be set in the same
timer clock cycle as the TCNT0 becomes zero. The TOV0 Flag in this case behaves like a ninth
bit, except that it is only set, not cleared. However, combined with the timer overflow interrupt
that automatically clears the TOV0 Flag, the timer resolution can be increased by software.
There are no special cases to consider in the Normal mode, a new counter value can be written
anytime.
The output compare unit can be used to generate interrupts at some given time. Using the out-
put compare to generate waveforms in Normal mode is not recommended, since this will occupy
too much of the CPU time.
Clear Timer on
Compare Match (CTC)
Mode
In Clear Timer on Compare or CTC mode (WGM01:0 = 2), the OCR0 Register is used to manip-
ulate the counter resolution. In CTC mode the counter is cleared to zero when the counter value
(TCNT0) matches the OCR0. The OCR0 defines the top value for the counter, hence also its
resolution. This mode allows greater control of the Compare Match output frequency. It also sim-
plifies the operation of counting external events.
The timing diagram for the CTC mode is shown in Figure 37. The counter value (TCNT0)
increases until a Compare Match occurs between TCNT0 and OCR0, and then counter (TCNT0)
is cleared.