| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT90SCR100 Datasheet(PDF) 63 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 Datasheet(HTML) 63 Page - ATMEL Corporation |
|
63 / 433 page ![]() 63 TPR0327AY–SMS–30Jan09 AT90SCR100 10. Interrupts This section describes the specifics of the interrupt handling as performed in AT90SCR100. For a general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on page 18. 10.1 Interrupt Vectors in AT90SCR100 Table 10-1. Reset and Interrupt Vectors Vector No. Program Address(1) Source Interrupt Definition 1 $0000(2) RESET External Pin, Power-on Reset, Brown-out Reset, Watchdog Reset, and JTAG AVR Reset 2 $0002 INT0 External Interrupt Request 0 3 $0004 INT1 External Interrupt Request 1 4 $0006 INT2 External Interrupt Request 2 5 $0008 INT3 External Interrupt Request 3 6 $000A PCINT0 Pin Change Interrupt Request 0 7 $000C PCINT1 Pin Change Interrupt Request 1 8 $000E PCINT2 Pin Change Interrupt Request 2 9 $0010 WDT Watchdog Time-out Interrupt 10 $0012 TIMER2_COMPA Timer/Counter2 Compare Match A 11 $0014 TIMER2_COMPB Timer/Counter2 Compare Match B 12 $0016 TIMER2_OVF Timer/Counter2 Overflow 13 $0018 TIMER1_CAPT Timer/Counter1 Capture Event 14 $001A TIMER1_COMPA Timer/Counter1 Compare Match A 15 $001C TIMER1_COMPB Timer/Counter1 Compare Match B 16 $001E TIMER1_OVF Timer/Counter1 Overflow 17 $0020 TIMER0_COMPA Timer/Counter0 Compare Match A 18 $0022 TIMER0_COMPB Timer/Counter0 Compare Match B 19 $0024 TIMER0_OVF Timer/Counter0 Overflow 20 $0026 SPI_STC SPI Serial Transfer Complete 21 $0028 USART_RX USART Rx Complete 22 $002A USART_UDRE USART Data Register Empty 23 $002C USART_TX USART Tx Complete 24 $002E SUPPLY_MON Supply Monitor Interruption 25 -- RFU Reserved For Future Use 26 $0032 EE_READY EEPROM Ready 27 $0034 TWI 2-wire Serial Interface 28 $0036 SPM_READY Store Program Memory Ready |