Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT90USB646 Datasheet(PDF) 32 Page - ATMEL Corporation

No. de pieza AT90USB646
Descripción Electrónicos  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT90USB646_09 Datasheet HTML 27Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 28Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 29Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 30Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 31Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 32Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 33Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 34Page - ATMEL Corporation AT90USB646_09 Datasheet HTML 35Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
32
7593KS–AVR–11/09
AT90USB64/128
If a pending interrupt cannot wake the part up from the selected mode, the current consump-
tion will increase during sleep when executing the SLEEP instruction directly after a SEI
instruction.
Problem Fix/workaround
Before entering sleep, interrupts not used to wake up the part from the sleep mode should
be disabled.
1.
Asynchronous timer interrupt wake up from sleep generates multiple interrupts
If the CPU core is in sleep and wakes-up from an asynchronous timer interrupt and then go
back in sleep mode again it may wake up several times.
Problem Fix/workaround
A software workaround is to wait with performing the sleep instruction until
TCNT2>OCR2+1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35