| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE4206G Datasheet(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4206G Datasheet(HTML) 5 Page - Infineon Technologies AG |
|
5 / 15 page ![]() TLE 4206G Data Sheet 5 V1.1 2007-08-10 Operating Range Parameter Symbol Limit Values Unit Remarks min. max. Supply voltage V S 8 18 V After V S rising above V UV ON Supply voltage increasing V S – 0.3 V UV ON V Outputs in tristate Supply voltage decreasing V S – 0.3 V UV OFF V Outputs in tristate Output current I OUT1-2 – 0.8 0.8 A – Input current (FB, REF) I IN – 50 500 µA – Junction temperature T j – 40 150 °C – |