| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VPH1-0059-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
VPH1-0059-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 8 page ![]() Mechanical Diagrams VP2 and VPH2 VP1 and VPH1 TOP VIEW RECOMMENDED PCB LAYOUT WHITE DOT PIN #1 D (12 PLCS) LOGO (OPTIONAL) B C A 12 7 6 1 J N M COMPONENT SIDE 1 12 6 7 L (12PLCS) K (12PLCS) 0 (10PLCS) P (10PLCS) 4 1 5 2 6 8 12 7 11 10 9 3 1:1:1:1:1:1 FRONT VIEW I (12 PLCS) H G (2 PLCS) WWLLYY R E F TOP VIEW RECOMMENDED PCB LAYOUT WHITE DOT PIN #1 D (12 PLCS) LOGO (OPTIONAL) B C A 12 7 6 1 J N M COMPONENT SIDE 1 12 6 7 L (12PLCS) K (12PLCS) 0 (10PLCS) P (10PLCS) 4 1 5 2 6 8 12 7 11 10 9 3 1:1:1:1:1:1 FRONT VIEW I (12 PLCS) H G (2 PLCS) WWLLYY R E F NOTES 1) Tolerances A - I are ± 0.25 mm unless specified otherwise. 2) Tolerances J - P are +/- 0.1 mm unless specified otherwise. 3) Marking as shown a) Dot for pin #1 identification b) On top of unit: -- VPHx-xxx (product code, size, 4 digit part number per family table.) c) On top of unit: Versa Pac Logo (optional) d) On bottom of unit: wwllyy = (date code) R = (revision level) 4) All soldering surfaces must be coplanar within 0.102 mm. ABCD E F G H I J K LM N O P mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm max ref max ref ref max ref ref ref ref ref max VP1 and VPH1 12.9 9.2 13.0 0.7 5.9 6.2 1.5 0.1 0.25 11.5 1.5 2.25 9.7 14.2 2.0 0.5 TOP VIEW RECOMMENDED PCB LAYOUT WHITE DOT PIN #1 D (12 PLCS) LOGO (OPTIONAL) B C A 12 7 6 1 J N M COMPONENT SIDE 1 12 6 7 L (12PLCS) K (12PLCS) 0 (10PLCS) P (10PLCS) 4 1 5 2 6 8 12 7 11 10 9 3 1:1:1:1:1:1 FRONT VIEW I (12 PLCS) H G (2 PLCS) WWLLYY R E F TOP VIEW RECOMMENDED PCB LAYOUT WHITE DOT PIN #1 D (12 PLCS) LOGO (OPTIONAL) B C A 12 7 6 1 J N M COMPONENT SIDE 1 12 6 7 L (12PLCS) K (12PLCS) 0 (10PLCS) P (10PLCS) 4 1 5 2 6 8 12 7 11 10 9 3 1:1:1:1:1:1 FRONT VIEW I (12 PLCS) H G (2 PLCS) WWLLYY R E F NOTES 1) Tolerances A - I are ± 0.25 mm unless specified otherwise. 2) Tolerances J - P are +/- 0.1 mm unless specified otherwise. 3) Marking as shown a) Dot for pin #1 identification b) On top of unit: -- VPHx-xxx (product code, size, 4 digit part number per family table.) c) On top of unit: Versa Pac Logo (optional) d) On bottom of unit: wwllyy = (date code) R = (revision level) 4) All soldering surfaces must be coplanar within 0.102 mm. A B C D E F G H IJ K L M N O P mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm max ref max ref ref max ref ref ref ref ref max VP2 and VPH2 16.3 12.0 16.8 0.7 6.7 7.8 2.0 0.1 0.30 14.25 1.75 2.5 13.0 18.0 2.5 0.75 ® VERSA-PAC® Inductors and Transformers (Surface Mount) |