Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IS61C25616AL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

No. de pieza IS61C25616AL
Descripción Electrónicos  256K x 16 HIGH-SPEED CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISSI [Integrated Silicon Solution, Inc]
Página de inicio  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C25616AL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61C25616AL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C25616AL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
03/21/2008
IS61C25616AL
IS61C25616AS
IS64C25616AL
IS64C25616AS
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-10
-12
-25
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
10
12
25
ns
tSCE
CE to Write End
7
9
18
ns
tAW
Address Setup Time
7
9
18
ns
to Write End
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWB
LB, UB Valid to End of Write
7
9
18
ns
tPWE1
WE Pulse Width (OE =High)
7
9
15
ns
tPWE2
WE Pulse Width (OE=Low)
7
9
17
ns
tSD
Data Setup to Write End
6
6
15
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
6
6
15
ns
tLZWE(2)
WE HIGH to Low-Z Output
3
3
5
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com