| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BL-R4539B Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP |
|
|
|||||||||||||||||||||||||||||
BL-R4539B Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP |
|
4 / 5 page ![]() %"+& $#&& * +#, -" %&,,%. %*%%"+%,#"'#' %&,-"' , -"& %&/$, 0%#, -" *% 12 33 41 -""%+,5 ,6#0-5%*7. #7"'%--.,%.0%#,/% %&,, .%786& 9 !6%.0%#,/% !6/. ' ,: ,-#!% 41 #73 7;; %&,, .%76& 9 !6%.0%#,/% ,-#!% 333 41 !6#7 %&,, .%786& 9 "'/#"+% %&, -5%.0%#,/% ,-#!% 41 -5#7 %&,, .%786& 9 %.0%#,/%:+$ "! 1 1 33 41 < << . ". ". ". " %&, .%7+:+$% 9 6%.#$6-+= 1 1 33 < . ". " %&, .%7+:+$% 9 -$'%%& &,#"+% 1 41 &-$72 5%$$ .%7 &%+ 9 -$'%#> $ ,: 3 12 33 41 &-$7 5%$$ .%7 &%+ 9 "? -".%",#$ %@, %#'%"' "!,%&& 12 41 < < >%"'8+:+$%& (% !6,! 9 4))) %#&/ "! ,%.& :.>-$ %#&/ "!+-"' , -"& 4/'!%.%",+ ,% #*-*# $/% )-5#'?-$,#!% *7. ?%@ %?%&%+/%", 7 ?%@ /. "-/& ",%"& ,: ? *7. %$-5@ -,%&.%#"&,6%/00%$ . ,-*&0%+ * %'+6##+,% &, +& .%#"& " , #$?#$/% %#&/.%",&6#$$>%,#=%">%,5%%"6-/&#"'#*,%,6%,%&,0 %+%&6#?%>%%"%,/"%',-"-.#$ #.> %",+-"' , -"&#*,%+-.0$%, -"-*%#+6,%&, |