Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIC3003 Datasheet(PDF) 56 Page - Micrel Semiconductor

No. de pieza MIC3003
Descripción Electrónicos  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 56 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 52Page - Micrel Semiconductor MIC3003 Datasheet HTML 53Page - Micrel Semiconductor MIC3003 Datasheet HTML 54Page - Micrel Semiconductor MIC3003 Datasheet HTML 55Page - Micrel Semiconductor MIC3003 Datasheet HTML 56Page - Micrel Semiconductor MIC3003 Datasheet HTML 57Page - Micrel Semiconductor MIC3003 Datasheet HTML 58Page - Micrel Semiconductor MIC3003 Datasheet HTML 59Page - Micrel Semiconductor MIC3003 Datasheet HTML 60Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
56
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration Register 0 (OEMCFG0)
D[7]
RST
write only
D[6]
QGPOS
read/write
D[5]
DFLT
read-only
D[4]
OE
reserved
D[3]
MODREF
reserved
D[2]
VAUX[2]
read/write
D[1]
VAUX[1]
read/write
D[0]
VAUX[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
00 = 00h
A write to OEMCFG0 will result in any A/D conversion in progress being aborted and the result discarded. The A/D will begin a
new conversion sequence once the write operation is complete.
All bits in OEMCFG0 are non-volatile except DFLT and RST. A valid OEM password is required for access to this register.
Bit(s)
Function
Operation
D[7]
RST
0 = no action; 1 = reset
Issuing a software reset by setting RST high is equivalent to
a full power cycle of the MIC3003.
D[6]
QGPOS
Determines the state of QGPO in
GPO mode
If OEMCFG3 bit 7 (QGPOM) is low, this bit determines
whether the QGPO output is high (undriven) or low (driven-
open-drain).
If QGPOM is high (Reset mode), this bit has no function
D[5]
DFLT
Diode fault flag.
1 = diode fault; 0 = OK.
D[4]
OE
Output enable for SHDN, VMOD,
and VBIAS.
1 = enabled; 0 = hi-Z
D[3]
MODREF
Selects whether VMOD is
referenced to ground or VDD.
1 = VDD; 0 = GND
D[2:0]
VAUX[2:0]
Selects the voltage reported in
VINh:VINl.
000 = VIN
001 = VDDA
010 = VBIAS
011 = VMOD
100 = APCDAC
101 = MODDAC
110 = FLTDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com