| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8377EVRAFDA Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377EVRAFDA Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 Freescale Semiconductor 83 High-Speed Serial Interfaces (HSSI) output driver features a 50- Ω termination resistor. It also assumes that the LVDS transmitter establishes its own common mode level without relying on the receiver or other external component. Figure 57. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only) Figure 58 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver. Since LVPECL driver’s DC levels (both common mode voltages and output swing) are incompatible with device SerDes reference clock input’s DC requirement, AC-coupling has to be used. Figure 58 assumes that the LVPECL clock driver’s output impedance is 50 Ω. R1 is used to DC-bias the LVPECL outputs prior to AC-coupling. Its value could be ranged from 140 Ω to 240 Ω depending on clock driver vendor’s requirement. R2 is used together with the SerDes reference clock receiver’s 50 Ω termination resistor to attenuate the LVPECL output’s differential peak level such that it meets the device SerDes reference clock’s differential input amplitude requirement (between 200 mV and 800 mV differential peak). For example, if the LVPECL output’s differential peak is 900 mV and the desired SerDes reference clock input amplitude is selected as 600 mV, the attenuation factor is 0.67, which requires R2 = 25 Ω. Please consult 50 Ω 50 Ω SD n_REF_CLK SD n_REF_CLK Clock Driver 100 Ω differential PWB trace SerDes Refer. CLK Receiver Clock Driver CLK_Out CLK_Out LVDS CLK Driver Chip 10 nF 10 nF MPC8377E |