Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8377EVRAGDA Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

No. de pieza MPC8377EVRAGDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377EVRAGDA Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8377EVRAGDA Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8377EVRAGDA Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
97
Package and Pin Listings
USBDR_PWRFAULT/
GPIO2[10]/SD_DAT1
AG13
I/O
OVDD
—
USBDR_STP_SUSPEND
AH12
O
OVDD
12
USBDR_D0_ENABLEN/GPIO2[0]
AG10
I/O
OVDD
—
USBDR_D1_SER_TXD/GPIO2[1]
AF13
I/O
OVDD
—
USBDR_D2_VMO_SE0/GPIO2[2]
AG11
I/O
OVDD
—
USBDR_D3_SPEED/GPIO2[3]
AH11
I/O
OVDD
—
USBDR_D4_DP/GPIO2[4]
AG9
I/O
OVDD
—
USBDR_D5_DM/GPIO2[5]
AF9
I/O
OVDD
—
USBDR_D6_SER_RCV/GPIO2[6]
AH13
I/O
OVDD
—
USBDR_D7_DRVVBUS/GPIO2[7]
AH10
I/O
OVDD
—
I2C Interface
IIC1_SCL
C12
I/O
OVDD
2
IIC1_SDA
B12
I/O
OVDD
2
IIC2_SCL
A10
I/O
OVDD
2
IIC2_SDA
A12
I/O
OVDD
2
JTAG Interface
TCK
B13
I
OVDD
—
TDI
E14
I
OVDD
4
TDO
C13
O
OVDD
3
TMS
A13
I
OVDD
4
TRST_B
E11
I
OVDD
4
PCI Signals
PCI_AD0
P26
I/O
OVDD
—
PCI_AD1
N28
I/O
OVDD
—
PCI_AD2
P29
I/O
OVDD
—
PCI_AD3
P27
I/O
OVDD
—
PCI_AD4
R26
I/O
OVDD
—
PCI_AD5
R29
I/O
OVDD
—
PCI_AD6
T24
I/O
OVDD
—
PCI_AD7
T25
I/O
OVDD
—
PCI_AD8
R27
I/O
OVDD
—
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes