| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
B8S Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL |
|
|
|||||||||||||||||||||||||||||
B8S Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL |
|
2 / 2 page ![]() 2 RATING AND CHARACTERISTICS CURVES B1S THRU B10S Fig. 3 - TYPICAL JUNCTION CAPACITANCE Fig. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT MOUNTED ON PC BOARD SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD Fig. 1 - FORWARD CURRENT DERATING CURVE 1.0 0.8 0.6 0.4 0.2 0.1 o AMBIENT TEMPERATURE, C 20 40 60 100 120 140 160 NUMBER OF CYCLES AT 60Hz 40 30 20 10 0 1 2 5 10 20 50 100 Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC METHOD) REVERSE VOLTAGE, VOLTS Fig. 5 - TYPICAL REVERSE CHARACTERISTICS Fig. 4 - TYPICAL FORWARD CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) INSTANTANEOUS FORWARD VOLTAGE, VOLTS 100 10 1.0 0.1 0.01 0 20 40 60 80 100 120 140 o TJ=125 C o TJ=25 C 10 1.0 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 o TJ=25 C PULSE WIDTH:300 S 100 10 1.0 1 4 10.0 100 o TJ=25 C, f=1MHz MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS B1S thru B10S www.paceleader.tw |