Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC5643LF0VLQ1 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

No. de pieza SPC5643LF0VLQ1
Descripción Electrónicos  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0VLQ1 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0VLQ1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 93Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 94Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 95Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 96Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 97Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1 Datasheet HTML 98Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
Document revision history
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
97
6
Document revision history
Table 38 summarizes revisions to this document.
PPC5643LF0MLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
No FlexRay
–40–125
°C
PPC5643LF0MMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
No FlexRay
–40–125
°C
PPC5643LFF0VLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
FlexRay
–40–105
°C
PPC5643LFF0VMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
FlexRay
–40–105
°C
PPC5643LF0VLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
No FlexRay
–40–105
°C
PPC5643LF0VMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
No FlexRay
–40–105
°C
NOTES:
1 All packaged devices are PPC, rather than MPC or SPC, until product qualifications are complete.
The unpackaged device prefix is PCC, rather than SCC, until product qualification is complete.
Not all configurations are available in the PPC parts.
Table 38. Revision history
Revision
Date
Description of Changes
1
2 Mar 2009
Initial release.
2
5 May 2009
Updated, Advance Information.
—Revised SINAD/SNR specifications.
— Updated pinout and pin multiplexing information.
3
5 Oct 2009
Updated, Advance Information, Public release.
— Throughout this document, added information for 257 MAPBGA package.
— Updated Table 1, MPC5643L device summary.
— Updated Section 1.3, Feature Details.
— Updated pin-out and pin multiplexing tables.
— In Section 3, Electrical characteristics, added symbols for signal characterization
methods.
— In Table 8, updated maximum ratings.
— In Table 10 and Table 11, removed moving-air thermal characteristics.
— Updated Section 3.8, Voltage regulator electrical characteristics.
— Updated Section 3.14, ADC electrical characteristics.
— Updated Section 3.15, Flash memory electrical characteristics.
— Updated Section 3.17.1, RESET pin characteristics.
— Removed External interrupt timing (IRQ pin) timing specifications.
— Updated Section 3.17.6, DSPI timing.
— Updated Section 5, Ordering information.
Table 37. Orderable part number summary (continued)
Part number1
Flash/SRAM
Package
Speed
(MHz)
Other features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com