Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC5643LFF0MLQ8R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

No. de pieza SPC5643LFF0MLQ8R
Descripción Electrónicos  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ8R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPC5643LFF0MLQ8R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5643L
Rev. 3, 10/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Preliminary—Subject to Change Without Notice
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5643L
257 MAPBGA
14 x 14 x 1.4 mm
LQFP 144
20 x 20 x 1.4 mm
• High-performance e200z4d dual core
– 32-bit Power Architecture™ Book E CPU
– Core frequency as high as 120 MHz
– Dual issue five-stage pipeline core
– Variable Length Encoding (VLE)
– Memory Management Unit (MMU)
– 4 KB instruction cache with error detection code
– Signal processing engine (SPE)
• Memory available
– 1 MB Flash memory with ECC
– Built-in RWW capabilities for EEPROM emulation
– As much as 128 KB on-chip RAM with ECC
• SIL3/ASILD innovative safety concept: LockStep mode
and Fail-safe protection
– Sphere of replication (SoR) for key components (such as
CPU core, DMA, crossbar switch)
– Fault collection and control unit (FCCU)
– Redundancy control and checker unit (RCCU) on
outputs of the SoR connected to FCCU
– Boot-time Built-In Self-Test for Memory (MBIST) and
Logic (LBIST) triggered by hardware
– Boot-time Built-In Self-Test for ADC and flash memory
triggered by software
– Replicated safety enhanced watchdog
– Replicated junction temperature sensor
– Non-maskable interrupt (NMI)
– 16-region memory protection unit (MPU)
– Clock monitoring units (CMU)
– Power management unit (PMU)
– Cyclic redundancy check (CRC) unit
• Decoupled Parallel mode for high performance use of
replicated cores
• Nexus Class 3+ interface
• Interrupts
– Replicated 16-priority controller
– Replicated 16-channel eDMA controller
• GPIOs individually programmable as input, output or
special function
• Three 6-channel general-purpose eTimer units
• Two FlexPWM units
– Four 16-bit channels per module
• Communications interfaces
– Two LINFlex channels
– Three DSPI channels with automatic chip select
generation
– Two FlexCAN interfaces (2.0B Active) with 32 message
objects
– FlexRay module (V2.1) with dual channel, up to 64
message objects and speed as fast as 10 Mbit/s
• Two 12-bit analog-to-digital converters (ADCs)
– 16 input channels
– Programmable cross triggering unit (CTU) to
synchronize ADCs conversion with timer and PWM
• Sine wave generator (D/A with low pass filter)
• On-chip CAN/UART/FlexRay Bootstrap loader
• Single 3.0 V to 3.6 V voltage supply
• Ambient temperature range –40 °C to 125 °C
• Junction temperature range –40 °C to 150 °C
MPC5643L Microcontroller
Data Sheet


Número de pieza similar - SPC5643LFF0MLQ8R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SPC5643LFF2MLL6 NXP-SPC5643LFF2MLL6 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LFF2MLQ1 FREESCALE-SPC5643LFF2MLQ1 Datasheet
739Kb / 136P
Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LFF2MLQ1 NXP-SPC5643LFF2MLQ1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MLQ1R NXP-SPC5643LFF2MLQ1R Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LFF2MLQ8 FREESCALE-SPC5643LFF2MLQ8 Datasheet
739Kb / 136P
Qorivva Microcontroller
More results

Descripción similar - SPC5643LFF0MLQ8R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com