| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8377EVRALGA Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377EVRALGA Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc |
|
116 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 116 Freescale Semiconductor Thermal Tyco Electronics Chip Coolers™ www.chipcoolers.com Wakefield Engineering www.wakefield.com Interface material vendors include the following: Chomerics, Inc. www.chomerics.com Dow-Corning Corporation Dow-Corning Electronic Materials www.dowcorning.com Shin-Etsu MicroSi, Inc. www.microsi.com The Bergquist Company www.bergquistcompany.com 24.3 Heat Sink Attachment The device requires the use of heat sinks. When heat sinks are attached, an interface material is required, preferably thermal grease and a spring clip. The spring clip should connect to the printed circuit board, either to the board itself, to hooks soldered to the board, or to a plastic stiffener. Avoid attachment forces that can lift the edge of the package or peel the package from the board. Such peeling forces reduce the solder joint lifetime of the package. The recommended maximum compressive force on the top of the package is 10 lb force (4.5 kg force). Any adhesive attachment should attach to painted or plastic surfaces, and its performance should be verified under the application requirements. 24.3.1 Experimental Determination of the Junction Temperature with a Heat Sink When a heat sink is used, the junction temperature is determined from a thermocouple inserted at the interface between the case of the package and the interface material. A clearance slot or hole is normally required in the heat sink. Minimize the size of the clearance to minimize the change in thermal performance caused by removing part of the thermal interface to the heat sink. Because of the experimental difficulties with this technique, many engineers measure the heat sink temperature and then back calculate the case temperature using a separate measurement of the thermal resistance of the interface. From this case temperature, the junction temperature is determined from the junction to case thermal resistance. TJ = TC + (RθJC × PD) where: TJ = junction temperature (°C) TC = case temperature of the package (°C) |