| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8377EVRALGA Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377EVRALGA Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc |
|
50 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 50 Freescale Semiconductor JTAG 11.3.2.1 High-Speed Read Meeting Setup (Maximum Delay) The following equations show how to calculate the allowed combined propagation delay range of the SD_CLK and SD_DAT/CMD signals on the PCB. tCLK_DELAY + tDATA_DELAY + tODLY + tSHSIVKH < 1.5 × tSHSCK tCLK_DELAY + tDATA_DELAY < 1.5 × tSHSCK – tODLY – tSHSIVKH This means that Data + Clock delay can be up to 11 ns for a 20 ns clock cycle: tCLK_DELAY + tDATA_DELAY < 30 – 14 – 5 tCLK_DELAY + tDATA_DELAY < 11 11.3.2.2 High-Speed Read Meeting Hold (Minimum Delay) The following equations show how to calculate the allowed combined propagation delay range of the SD_CLK and SD_DAT/CMD signals on the PCB. 0.5 × t SHSCK < tCLK_DELAY + tDATA_DELAY + tOH – tSHSIXKH + tINT_CLK_DLY 0.5 × tSHSCK – tOH + tSHSIXKH – tINT_CLK_DLY < tCLK_DELAY + tDATA_DELAY This means that Data + Clock delay must be greater than ~6 ns for a 20 ns clock cycle: 10 – 2.5 + (-1.5) < tCLK_DELAY + tDATA_DELAY 6 < tCLK_DELAY + tDATA_DELAY 11.3.2.3 High-Speed Read Combined Formula The following equation is the combined formula to calculate the propagation delay range of the SD_CLK and SD_DAT/CMD signals on the PCB. 0.5 × tSHSCK – tOH + tSHSIXKH < tCLK_DELAY + tDATA_DELAY < 1.5 × tSHSCK – tODLY – tSHSIVKH 12 JTAG This section describes the DC and AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the MPC8377E. 12.1 JTAG DC Electrical Characteristics Table 43 provides the DC electrical characteristics for the IEEE 1149.1 (JTAG) interface of the MPC8377E. Table 43. JTAG interface DC Electrical Characteristics Parameter Symbol Condition Min Max Unit Input high voltage VIH —2.5 OVDD +0.3 V Input low voltage VIL —–0.3 0.8 V Input current IIN —— ±30 μA |