| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACT6330 Datasheet(PDF) 5 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT6330 Datasheet(HTML) 5 Page - Active-Semi, Inc |
|
5 / 14 page ![]() ACT6330 Rev0, 02-Apr-08 Innovative Power TM - 5 - www.active-semi.com Copyright © 2008 Active-Semi, Inc. ActivePMU TM is a trademark of Active-Semi. : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT IN, ON1, ON2, FB1, FB2 to GA -0.3 to +6 V OVP1, OVP2, SW1, SW2 to GP12 -0.3 to +25 V GP12 to GA -0.3 to +0.3 V Junction to Ambient Thermal Resistance (θJA) 33.3 °C/W Operating Temperature Range -40 to 85 °C Junction Temperature 125 °C Store Temperature -55 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C |