Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F44J10-I/SPSQTP Datasheet(PDF) 13 Page - Microchip Technology

No. de pieza PIC18F44J10-I/SPSQTP
Descripción Electrónicos  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/SPSQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F44J10-I/SPSQTP Datasheet HTML 9Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 10Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 11Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 12Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 13Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 14Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 15Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 16Page - Microchip Technology PIC18F44J10-I/SPSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 11
PIC18F45J10 FAMILY
FIGURE 1-2:
PIC18F44J10/45J10 (40/44-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
Data Latch
Data Memory
(3.9 Kbytes)
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(16/32 Kbytes)
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PCLATU
PCU
PORTE
RE2/CS/AN7
RE0/RD/AN5
RE1/WR/AN6
Note
1:
CCP2 is multiplexed with RC1 when Configuration bit, CCP2MX, is set, or RB3 when CCP2MX is not set.
2:
Brown-out Reset is not available in PIC18LF2XJ10/4XJ10 devices.
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1
OSC2
VDD,
Brown-out(2)
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Precision
Reference
Band Gap
VSS
MCLR
Block
INTRC
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
T1OSI
T1OSO
PORTA
PORTB
PORTC
RA5/AN4/SS1/C2OUT
RB0/INT0/FLT0/AN12
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1/P1A
RC3/SCK1/SCL1
RC4/SDI1/SDA1
RC5/SDO1
RC6/TX/CK
RC7/RX/DT
RA3/AN3/VREF+
RA2/AN2/VREF-/CVREF
RA1/AN1
RA0/AN0
RB1/INT1/AN10
RB2/INT2/AN8
RB3/AN9/CCP2(1)
RB4/KBI0/AN11
RB5/KBI1/T0CKI/C1OUT
RB6/KBI2/PGC
RB7/KBI3/PGD
EUSART
Comparator
MSSP
10-Bit
ADC
Timer2
Timer1
Timer0
CCP2
ECCP1
BOR(2)
PORTD
RD0/PSP0/SCK2/SCL2
RD1/PSP1/SDI2/SDA2
RD2/PSP2/SDO2
RD3/PSP3/SS2
RD4/PSP4
RD5/PSP5/P1B
RD6/PSP6/P1C
RD7/PSP7/P1D
VDDCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More