Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM632 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

No. de pieza DM632
Descripción Electrónicos  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITI [Silicon Touch Technology Inc.]
Página de inicio  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM632 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM632 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version:A.002
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632
DM632
16-CHANNEL CONSTANT CURRENT LED DRIVER
WITH PROGRAMMABLE PWM OUTPUTS
General Description
DM632 is a 16-channel constant current sink LED driver. Each channel has adjustable 16-bits
(65536 steps) grayscale PWM control current outputs. It incorporates shift registers, data latches,
constant current circuitry with current value set by an external resistor, selectable oscillator source
for PWM functioning, and built-in LED open detection circuit to detect error status. It is specifically
designed for LED display or lighting applications.
Features
Constant-current outputs: 5mA to 90mA adjustable by one external resistor
16-bit linear PWM control current outputs for each channel
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Selectable internal/external PWM reference clock
PWM free-running capability (refresh rate (~ 275Hz) with internal oscillator (~ 18 MHz))
Build-in real-time open detection
Package and pin assignment (except QFN32) compatible to pure LED driver series
(ST2221C, DM134/5/6, DM13C)
Power supply voltage: 3.3V to 5.5V
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
LED Decorative Lighting
Package Types
SOP24, SOP24B, SSOP24, TSSOP24E (with exposed pad), QFN32 (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com