| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP98243T-BE/ST Datasheet(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98243T-BE/ST Datasheet(HTML) 35 Page - Microchip Technology |
|
35 / 62 page ![]() © 2009 Microchip Technology Inc. DS22153B-page 35 MCP98243 5.3 EEPROM FEATURE DESCRIPTION 5.3.1 BYTE WRITE To write a byte in the MCP98243 EEPROM, the master has to specify the memory location or address. Once the address byte is transmitted correctly followed by a word address, the word address is stored in the EEPROM address pointer. The following byte is data to be stored in the specified memory location. Figure 5- 14 shows the timing diagram. FIGURE 5-14: Timing Diagram for Byte Write (See Section 4.0 “Serial Communication”). SDA A C K 10 1 0 A A C K S 2 A 1 A 0 12 3 4 5 6 7 8 1 2 345 6 7 8 SCL Address Byte W MCP98243 MCP98243 A C K P 1 2 3 4 567 8 Data Word Address MCP98243 XX X X X XX X X X X X X XX X |