| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP4151T-503E/MS Datasheet(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151T-503E/MS Datasheet(HTML) 46 Page - Microchip Technology |
|
46 / 88 page ![]() MCP413X/415X/423X/425X DS22060B-page 46 © 2008 Microchip Technology Inc. FIGURE 6-7: 8-Bit Commands (Increment, Decrement, Modify - SPI Waveform with PIC MCU (Mode 1,1). FIGURE 6-8: 8-Bit Commands (Increment, Decrement, Modify - SPI Waveform with PIC MCU (Mode 0,0). bit7 bit0 bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 CS SCK Write to SSPBUF SDI Input Sample SDO VIH VIL AD3 AD2 AD1 AD0 C0 C1 X X “1” = “Valid” Command/Address “0” = “Invalid” Command/Address CMDERR bit VIHH (1) Note 1: VIHH is supported for compability with the MCP414X/6X and MCP424X/6X devices high voltage operation. SCK Input Sample SDI bit7 bit0 SDO bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 Write to SSPBUF CS VIH VIL AD3 AD2 AD1 AD0 C0 C1 X X “1” = “Valid” Command/Address “0” = “Invalid” Command/Address CMDERR bit VIHH (1) Note 1: VIHH is supported for compability with the MCP414X/6X and MCP424X/6X devices high voltage operation. |