| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP4151T-502E/ML Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4151T-502E/ML Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 88 page ![]() © 2008 Microchip Technology Inc. DS22060B-page 25 MCP413X/415X/423X/425X Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-42: 100 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-43: 100 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-44: 100 k Ω Pot Mode – R W (Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). FIGURE 2-45: 100 k Ω Rheo Mode – R W ( Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 5.5V). FIGURE 2-46: 100 k Ω Rheo Mode – R W ( Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 3.0V). FIGURE 2-47: 100 k Ω Rheo Mode – R W ( Ω), INL (LSb), DNL (LSb) vs. Wiper Setting and Ambient Temperature (VDD = 1.8V). 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.2 -0.1 0 0.1 0.2 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.2 -0.15 -0.1 -0.05 0 0.05 0.1 0.15 0.2 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 5000 10000 15000 20000 25000 0 64 128 192 256 Wiper Setting (decimal) -0.35 -0.25 -0.15 -0.05 0.05 0.15 0.25 0.35 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: Refer to AN1080 for additional informa- tion on the characteristics of the wiper resistance (RW) with respect to device voltage and wiper setting value. 20 40 60 80 100 120 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.3 -0.2 -0.1 0 0.1 0.2 0.3 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 20 60 100 140 180 220 260 300 0 32 64 96 128 160 192 224 256 Wiper Setting (decimal) -0.6 -0.4 -0.2 0 0.2 0.4 0.6 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW -40°C 25°C 85°C 125°C 0 5000 10000 15000 20000 25000 0 64 128 192 256 Wiper Setting (decimal) -1 4 9 14 19 24 29 34 39 44 49 54 59 -40C Rw 25C Rw 85C Rw 125C Rw -40C INL 25C INL 85C INL 125C INL -40C DNL 25C DNL 85C DNL 125C DNL INL DNL RW Note: Refer to AN1080 for additional informa- tion on the characteristics of the wiper resistance (RW) with respect to device voltage and wiper setting value. |