| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP4161-503I/ST Datasheet(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4161-503I/ST Datasheet(HTML) 24 Page - Microchip Technology |
|
24 / 88 page ![]() MCP414X/416X/424X/426X DS22059B-page 24 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V. FIGURE 2-47: Resistor Network 0 to Resistor Network 1 RAB (5 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-48: Resistor Network 0 to Resistor Network 1 RAB (10 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-49: Resistor Network 0 to Resistor Network 1 RAB (50 kΩ) Mismatch vs. VDD and Temperature. FIGURE 2-50: Resistor Network 0 to Resistor Network 1 RAB (100 kΩ) Mismatch vs. VDD and Temperature. 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.1 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V -0.04 -0.03 -0.02 -0.01 0 0.01 0.02 0.03 0.04 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V 0 0.02 0.04 0.06 0.08 0.1 0.12 -40 0 40 80 120 Temperature (°C) 5.5V 3.0V -0.03 -0.02 -0.01 0 0.01 0.02 0.03 0.04 0.05 -40 10 60 110 Temperature (°C) 5.5V 3.0V |