| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
23K256-I/ST Datasheet(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23K256-I/ST Datasheet(HTML) 4 Page - Microchip Technology |
|
4 / 26 page ![]() 23A256/23K256 DS22100D-page 4 © 2009 Microchip Technology Inc. TABLE 1-3: AC TEST CONDITIONS 14 TDIS Output disable time — — — — 20 20 20 20 ns ns ns ns VCC = 1.5V (I-Temp) VCC = 1.8V (I-Temp) VCC = 3.0V (E-Temp) VCC = 3.0V (I-Temp) 15 THS HOLD setup time 10 — ns — 16 THH HOLD hold time 10 — ns — 17 THZ HOLD low to output High-Z 10 — ns — 18 THV HOLD high to output valid — 50 ns — TABLE 1-2: AC CHARACTERISTICS (CONTINUED) AC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40°C to +125°C Param. No. Sym. Characteristic Min. Max. Units Test Conditions Note 1: This parameter is periodically sampled and not 100% tested. AC Waveform: Input pulse level 0.1 VCC to 0.9 VCC Input rise/fall time 5 ns Operating temperature -40°C to +125°C CL = 100 pF — Timing Measurement Reference Level: Input 0.5 VCC Output 0.5 VCC |