| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1303B Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1303B Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 38 page ![]() © 2008 Microchip Technology Inc. DS21949C-page 29 TC1303A/TC1303B/TC1303C/TC1304 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Second letter represents VOUT1 configuration: Third letter represents VOUT2 configuration: Fourth letter represents +50 mV Increments: 10-Lead MSOP Example: 11H0 0831 256 Example: 11H0E 831256 10-Lead DFN XXXX YYWW NNN — 1 = TC1303B — 2 = TC1303A — 3 = TC1303C — 4 = TC1304 — 1 = 1.375V VOUT1 — H = 2.6V VOUT2 — 0 = Default XXXXXX YWWNNN Code VOUT1 Code VOUT1 Code VOUT1 A3.3V J 2.4VS1.5V B3.2VK2.3V T 1.4V C 3.1V L 2.2V U 1.3V D 3.0V M 2.1V V 1.2V E 2.9V N 2.0V W 1.1V F 2.8V O 1.9V X 1.0V G 2.7VP1.8VY0.9V H 2.6V Q 1.7V Z Adj I 2.5V R 1.6V 1 1.375V Code VOUT2 Code VOUT1 Code VOUT2 A3.3V J 2.4VS1.5V B3.2VK2.3V T — C 3.1V L 2.2V U — D 3.0V M 2.1V V — E 2.9V N 2.0V W — F 2.8V O 1.9V X — G 2.7VP1.8VY — H 2.6V Q 1.7V Z — I 2.5V R 1.6V Code Code 0 Default 2 +50 mV to V2 1 +50 mV to V1 3 +50 mV to V1 and V2 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |