| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP3302T-BI/ST Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3302T-BI/ST Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 46 page ![]() MCP3302/04 DS21697E-page 22 © 2008 Microchip Technology Inc. 5.5 Buffering/Filtering the Analog Inputs Inaccurate conversion results may occur if the signal source for the A/D converter is not a low-impedance source. Buffering the input will overcome the impedance issue. It is also recommended that an analog filter be used to eliminate any signals that may be aliased back into the conversion results. This is illustrated in Figure 5-9, where an op amp is used to drive the analog input of the MCP3302/04. This amplifier provides a low-impedance source for the converter input and a low-pass filter, which eliminates unwanted high-frequency noise. Values shown are for a 10 Hz Butterworth Low-Pass filter. Low-pass (anti-aliasing) filters can be designed using Microchip’s interactive FilterLab® software. FilterLab will calculate capacitor and resistor values, as well as determine the number of poles that are required for the application. For more information on filtering signals, see Application Note 699 “Anti-Aliasing Analog Filters for Data Acquisition Systems” . FIGURE 5-9: The MCP601 Operational Amplifier is used to implement a 2nd order anti- aliasing filter for the signal being converted by the MCP3302/04. 5.6 Layout Considerations When laying out a printed circuit board for use with analog components, care should be taken to reduce noise wherever possible. A bypass capacitor from VDD to ground should always be used with this device and should be placed as close as possible to the device pin. A bypass capacitor value of 0.1 µF is recommended. Digital and analog traces on the board should be separated as much as possible, with no traces running underneath the device or the bypass capacitor. Extra precautions should be taken to keep traces with high- frequency signals (such as clock lines) as far as possible from analog traces. Use of an analog ground plane is recommended in order to keep the ground potential the same for all devices on the board. Providing VDD connections to devices in a “star” configuration can also reduce noise by eliminating current return paths and associated errors (see Figure 5-10). For more information on layout tips when using the MCP3302/04,MCP3302/04, or other ADC devices, refer to Application Note 688, “Layout Tips for 12-Bit A/D Converter Applications” . FIGURE 5-10: VDD traces arranged in a ‘Star’ configuration in order to reduce errors caused by current return paths. MCP330X VDD 10 µF IN- IN+ - + VIN 2.2 µF 1µF VREF 4.096V Reference 0.1 µF 1µF 0.1 µF MCP601 7.86 k Ω 14.6 k Ω MCP1541 CL VDD Connection Device 1 Device 2 Device 3 Device 4 |