Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F455 Datasheet(PDF) 62 Page - fujitsu semiconductor

No. de pieza MB90F455
Descripción Electrónicos  16-bit Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F455 Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button MB90F455_09 Datasheet HTML 58Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 59Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 60Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 61Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 62Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 63Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 64Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 65Page - fujitsu semiconductor MB90F455_09 Datasheet HTML 66Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MB90455 Series
62
DS07-13728-5E
(3) Power-on reset
(VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Power supply rise time
tR
VCC
0.05
30
ms
Power supply shutdown
time
tOFF
VCC
1
ms
Waiting time until
power-on
VCC
VCC
VSS
3.0 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Sudden change of power supply voltage may activate the power-on reset function. When
changing power supply voltages during operation, raise the power smoothly by suppressing
variation of voltages as shown below. When raising the power, do not use PLL clock. Howev-
er, if voltage drop is 1V/s or less, use of PLL clock is allowed during operation.
Limiting the slope of rising within
50 mV/ms is recommended.
RAM data hold period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com