Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OSR5SAZ3K1D Datasheet(PDF) 1 Page - OptoSupply International

No. de pieza OSR5SAZ3K1D
Descripción Electrónicos  Super Flux Super Red LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTOSUPPLY [OptoSupply International]
Página de inicio  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5SAZ3K1D Datasheet(HTML) 1 Page - OptoSupply International

  OSR5SAZ3K1D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S
Su
up
pe
er
r F
Fllu
ux
x S
Su
up
pe
er
r R
Re
ed
d
L
LE
ED
D
OSR5SAZ3K1D
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
Features
Outline Dimension
High Luminous Super Flux Output
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Automotive Dashboard Lighting
Back Lighting
Other Lighting
5.08+0.3
23
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
0.76+0.1
2
5.08+0.2
1.5+0.1
Absolute Maximum Rating
(Ta=25
)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
72
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.4
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
620
625
630
nm
Luminous Intensity*
Iv
IF=20mA
-
200
-
mcd
50% Power Angle
1/2
IF=20mA
-
180
-
deg


Número de pieza similar - OSR5SAZ3K1D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OptoSupply Internationa...
OSR5SAZ161D OPTOSUPPLY-OSR5SAZ161D Datasheet
105Kb / 1P
Super Flux Super Red LED
OSR5SAZ2C1D OPTOSUPPLY-OSR5SAZ2C1D Datasheet
101Kb / 1P
Super Flux Super Red LED
OSR5SAZ4E1D OPTOSUPPLY-OSR5SAZ4E1D Datasheet
96Kb / 1P
Super Flux Super Red LED
More results

Descripción similar - OSR5SAZ3K1D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OptoSupply Internationa...
OSR5MAZ2C1D OPTOSUPPLY-OSR5MAZ2C1D Datasheet
103Kb / 1P
Super Flux Phoenix Red LED
OSR5MAZ161D OPTOSUPPLY-OSR5MAZ161D Datasheet
104Kb / 1P
Super Flux Phoenix Red LED
OSR5SAZ2C1D OPTOSUPPLY-OSR5SAZ2C1D Datasheet
101Kb / 1P
Super Flux Super Red LED
OSR5SAZ4E1D OPTOSUPPLY-OSR5SAZ4E1D Datasheet
96Kb / 1P
Super Flux Super Red LED
OSR5SAZ161D OPTOSUPPLY-OSR5SAZ161D Datasheet
105Kb / 1P
Super Flux Super Red LED
OSR5CAZ2C1P OPTOSUPPLY-OSR5CAZ2C1P_1 Datasheet
113Kb / 1P
Super Flux Red LED
OS5RKAZJC1P OPTOSUPPLY-OS5RKAZJC1P Datasheet
77Kb / 1P
Super Flux Commercial Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
Super Flux Red LED
OSR7CAZ2C1P OPTOSUPPLY-OSR7CAZ2C1P Datasheet
113Kb / 1P
Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
Super Flux Red LED
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com