Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

25LC640T-I/ST Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza 25LC640T-I/ST
Descripción Electrónicos  64K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640T-I/ST Datasheet(HTML) 21 Page - Microchip Technology

Back Button 25LC640T-I/ST Datasheet HTML 16Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 17Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 18Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 19Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 20Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 21Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 22Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 23Page - Microchip Technology 25LC640T-I/ST Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21223H-page 21
25AA640/25LC640
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
25AA640:
64K bit 1.8V SPI Serial EEPROM
25AA640T:
64K bit 1.8V SPI Serial EEPROM
(Tape and Reel)
25AA640X:
64K bit 1.8V SPI Serial EEPROM
in alternate pinout (ST only)
25AA640XT: 64K bit 1.8V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
25LC640:
64K bit 2.5V SPI Serial EEPROM
25LC640T:
64K bit 2.5V SPI Serial EEPROM
(Tape and Reel)
25LC640X:
64K bit 2.5V SPI Serial EEPROM
in alternate pinout (ST only)
25LC640XT: 64K bit 2.5V SPI Serial EEPROM
in alternate pinout Tape and Reel (ST only)
Temperature Range
I
=
-40
°C to +85°C
E=
-40
°C to +125°C
Package
P
=
Plastic DIP (300 mil Body), 8-lead
SN
=
Plastic SOIC (150 mil Body), 8-lead
ST
=
Plastic TSSOP (4.4 mm Body), 8-lead
Examples:
a)
25AA640-I/SN: Industrial Temp.,
SOIC package
b)
25AA640T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
c)
25AA640X-I/ST: Alternate Pinout
Industrial Temp., TSSOP package
d)
25LC640-I/SN: Industrial Temp.,
SOIC package
e)
25LC640T-I/SN: Tape and Reel,
Industrial Temp., SOIC package
f)
25LC640X-I/ST: Alternate Pinout,
Industrial Temp., TSSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com