Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

25LC640T-E/P Datasheet(PDF) 2 Page - Microchip Technology

No. de pieza 25LC640T-E/P
Descripción Electrónicos  64K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640T-E/P Datasheet(HTML) 2 Page - Microchip Technology

  25LC640T-E/P Datasheet HTML 1Page - Microchip Technology 25LC640T-E/P Datasheet HTML 2Page - Microchip Technology 25LC640T-E/P Datasheet HTML 3Page - Microchip Technology 25LC640T-E/P Datasheet HTML 4Page - Microchip Technology 25LC640T-E/P Datasheet HTML 5Page - Microchip Technology 25LC640T-E/P Datasheet HTML 6Page - Microchip Technology 25LC640T-E/P Datasheet HTML 7Page - Microchip Technology 25LC640T-E/P Datasheet HTML 8Page - Microchip Technology 25LC640T-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
25AA640/25LC640
DS21223H-page 2
© 2008 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ........................................................................................................ -0.6V to VCC + 1.0V
Storage temperature .................................................................................................................................-65°C to 150°C
Ambient temperature under bias ...............................................................................................................-65°C to 125°C
ESD protection on all pins .......................................................................................................................................... 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E): TA = -40°C to +125°C VCC = 4.5V to 5.5V
Param.
No.
Sym
Characteristics
Min
Max
Units
Conditions
D1
VIH1
High-level input
voltage
2.0
VCC + 1
V
VCC
≥ 2.7V (Note 1)
D2
VIH2
0.7 VCC
VCC + 1
V
VCC < 2.7V (Note 1)
D3
VIL1
Low-level input
voltage
-0.3
0.8
V
VCC
≥ 2.7V (Note 1)
D4
VIL2
-0.3
0.2 VCC
VVCC < 2.7V (Note 1)
D5
VOL
Low-level output
voltage
—0.4
V
IOL = 2.1 mA
—0.2
V
IOL = 1.0 mA, VCC = < 2.5V
D6
VOH
High-level output
voltage
VCC - 0.5
—
V
IOH = -400
μA
D7
ILI
Input leakage current
—
±1
μACS = VCC, VIN = VSS TO VCC
D8
ILO
Output leakage
current
—±1
μACS = VCC, VOUT = VSS TO VCC
D9
CINT
Internal Capacitance
(all inputs and
outputs)
—7
pF
TA = 25°C, CLK = 1.0 MHz,
VCC = 5.0V (Note 1)
D10
ICC Read Operating Current
—
—
1
500
mA
μA
VCC = 5.5V; FCLK = 3.0 MHz;
SO = Open
VCC = 2.5V; FCLK = 2.0 MHz;
SO = Open
D11
ICC Write
—
—
5
3
mA
mA
VCC = 5.5V
VCC = 2.5V
D12
ICCS
Standby Current
—
—
5
1
μA
μA
CS = VCC = 5.5V, Inputs tied to VCC or
VSS
CS = VCC = 2.5V, Inputs tied to VCC or
VSS
Note 1:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com