Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F103R4H7ATR Datasheet(PDF) 72 Page - STMicroelectronics

No. de pieza STM32F103R4H7ATR
Descripción Electrónicos  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103R4H7ATR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F103R4H7ATR Datasheet HTML 68Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 69Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 70Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 71Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 72Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 73Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 74Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 75Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
Package characteristics
STM32F103x4, STM32F103x6
72/80
Doc ID 15060 Rev 3
Figure 38.
Recommended PCB design rules for pads (0.5 mm pitch BGA)
1.
Non solder mask defined (NSMD) pads are recommended
2.
4 to 6 mils solder paste screen printing process
Pitch
0.5 mm
D pad
0.27 mm
Dsm
0.35 mm typ (depends on
the soldermask registration
tolerance)
Solder paste
0.27 mm aperture diameter
Dpad
Dsm
ai15495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80