Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MD-0101-DXJ-EMXO Datasheet(PDF) 4 Page - Vectron International, Inc

No. de pieza MD-0101-DXJ-EMXO
Descripción Electrónicos  GPS Disciplined Oscillator Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0101-DXJ-EMXO Datasheet(HTML) 4 Page - Vectron International, Inc

  MD-0101-DXJ-EMXO Datasheet HTML 1Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 2Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 3Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 4Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 5Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 6Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 7Page - Vectron International, Inc MD-0101-DXJ-EMXO Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications
Module Hardware Reset (Pin 12) 6
Reset Module
0.5
VDC
2 kOhm internal pull up resistance
0.3
VDC
2 kOhm internal pull up resistance
Manual Holdover Set (Pin 11) 7
Enter Manual Holdover
0
0.5
VDC
2 kOhm internal pull up resistance
0
0.3
VDC
2 kOhm internal pull up resistance
Serial Communications Interface8
Rx high-level input voltage (VIH)
4.5
5.5
VDC
12 V supply model
3.0
3.3
VDC
5 V supply model
Rx low-level input voltage (VIL)
-0.5
0.0
0.5
VDC
12 V supply model
-0.3
0.0
0.3
VDC
5 V supply model
Tx high-level output voltage (VOH)
4.5
5.0
VDC
12 V supply model
3.0
3.3
VDC
5 V supply model
Tx low-level output voltage (VOL)
-0.5
0.0
0.5
VDC
12 V supply model
-0.3
0.0
0.3
VDC
5 V supply model
Update rate
1
Hz
User configurable from 0 to 255 seconds
Communications Protocol
Vectron Binary/NMEA 0183
See MD-010/MD-011Command List for
Full Details
Pulse width7
10
uSec
Supply Voltage (Pin 7,15,16)
Supply voltage
+11.4
+12
+12.6
VDC
12 V supply models
+4.75
+5
+5.25
VDC
5 V supply models
Absolute Maximum Ratings
Supply voltage (VS)
15
VDC
12 V supply models
7.5
VDC
5 V supply models
Dc voltage on any I/O pin
5.5
V
Output load
10
Ohms
AC ripple
50
mVpk-pk
10Hz to 1MHz
4
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com