Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST6206 Datasheet(PDF) 1 Page - Stanson Technology

No. de pieza ST6206
Descripción Electrónicos  Low ESR Low Drop Out Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6206 Datasheet(HTML) 1 Page - Stanson Technology

  ST6206 Datasheet HTML 1Page - Stanson Technology ST6206 Datasheet HTML 2Page - Stanson Technology ST6206 Datasheet HTML 3Page - Stanson Technology ST6206 Datasheet HTML 4Page - Stanson Technology ST6206 Datasheet HTML 5Page - Stanson Technology ST6206 Datasheet HTML 6Page - Stanson Technology ST6206 Datasheet HTML 7Page - Stanson Technology ST6206 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ST6206
Low ESR Low Drop Out Voltage Regulators
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST6206 2007. Rev. 1
DESCRIPTION
ST6206 family is a positive voltage linear regulators, low power consumption, high
votage manufactured with CMOS technology. It provides large currents with a low
dropout voltage. ST6206 consists of current limiter circuit, driver transistor, precision
reference voltage and error correction circuit. ST6206 family is compatible with low
ESR capacitors. The current limiter’s feedback circuit also operates as a short protect
for the output current limiter. SOT-23-3L / SOT-323 packages are available for
portable electronic equipment.
PIN CONFIGURATION
SOT-23-3L / SOT-323
1.VSS
2.VOUT
3.VIN
PART MARKING
SOT-23-3L / SOT-323
X: Voltage Code
Y: Year Code
A: Process Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST6206XS23RG
SOT-23-3L
6XYA
ST6206XS32RG
SOT-323
6XYA
Process Code : A ~ Z ; a ~ z
ST6206XS23RG
X : Voltage Code S : SOT-23-3L ; R : Tape Reel ; G : Pb – Free
ST6206XS32RG
X : Voltage Code S : SOT-323 ; R : Tape Reel ; G : Pb – Free
APPLICATIONS
Battery Power Equipment
Cellular Phone
Digital Cameras
Computer Disk Drivers
Portable games
Communiction tools
FEATURE
Maximum Output Current 250mA (5.0V type)
Dropout Voltage 160mV @100mA (5.0V type)
Low Supply Current at 3uA max.
Output Voltage: 1.5V; 1.8V; 2.5V; 3.0V; 3.1V; 3.3V
Highly Accurate +/-2%
Ultra Small Pb-Free Packages
Low ESR capacitor ceramic compatible
3
1
2
VIN
VSS
VOUT
3
1
2
6XYA


Número de pieza similar - ST6206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST6200 STMICROELECTRONICS-ST6200 Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
1Mb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
01-Jan-1970
ST6200C STMICROELECTRONICS-ST6200C Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST6200CB1 STMICROELECTRONICS-ST6200CB1 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
More results

Descripción similar - ST6206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
STMicroelectronics
LD2980 STMICROELECTRONICS-LD2980 Datasheet
416Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
Sep-2003
LD3985 STMICROELECTRONICS-LD3985 Datasheet
393Kb / 14P
ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
27-Oct-2004
logo
First Components Intern...
LP2950 FCI-LP2950_1 Datasheet
384Kb / 8P
150mA Low Drop Out Voltage Regulators
logo
STMicroelectronics
LD2980ABXX STMICROELECTRONICS-LD2980ABXX Datasheet
429Kb / 23P
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
11-Jul-2008
LD2981ABXX STMICROELECTRONICS-LD2981ABXX Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
03-Jan-2011
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
First Components Intern...
LP2951 FCI-LP2951 Datasheet
122Kb / 3P
100mA Low Drop Out Voltage Regulators Portable consumer equipment
logo
Texas Instruments
TPS76715-Q1 TI1-TPS76715-Q1 Datasheet
494Kb / 25P
FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com