Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS111C008/XT Datasheet(PDF) 18 Page - Austin Semiconductor

No. de pieza AS111C008/XT
Descripción Electrónicos  Voltage Comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUSTIN [Austin Semiconductor]
Página de inicio  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111C008/XT Datasheet(HTML) 18 Page - Austin Semiconductor

Back Button AS111C008/XT Datasheet HTML 13Page - Austin Semiconductor AS111C008/XT Datasheet HTML 14Page - Austin Semiconductor AS111C008/XT Datasheet HTML 15Page - Austin Semiconductor AS111C008/XT Datasheet HTML 16Page - Austin Semiconductor AS111C008/XT Datasheet HTML 17Page - Austin Semiconductor AS111C008/XT Datasheet HTML 18Page - Austin Semiconductor AS111C008/XT Datasheet HTML 19Page - Austin Semiconductor AS111C008/XT Datasheet HTML 20Page - Austin Semiconductor AS111C008/XT Datasheet HTML 21Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
18
AS111
Rev. 1.6 6/05
Austin Semiconductor, Inc.
ASI Case (Package Designator E020)
SMD 5962-86877, Case Outline 2
MECHANICAL DEFINITIONS*
*All measurements are in inches.
E2
L1
B1
D2
L
e
E
D1
E1
D
A
A1
MIN
MAX
A
0.060
0.100
A1
0.050
0.088
B1
0.022
0.028
D/E
0.342
0.358
D1/E1
---
0.358
D2/E2
e
L
0.045
0.055
L1
0.075
0.095
0.050 BSC
SYMBOL
ASI SPECIFICATIONS
0.200 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21