Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

440LS071NF14 Datasheet(PDF) 2 Page - Glenair, Inc.

No. de pieza 440LS071NF14
Descripción Electrónicos  EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GLENAIR [Glenair, Inc.]
Página de inicio  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LS071NF14 Datasheet(HTML) 2 Page - Glenair, Inc.

  440LS071NF14 Datasheet HTML 1Page - Glenair, Inc. 440LS071NF14 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 35
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
L
Dia
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
K
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
TABLE V: CABLE ENTRY
M
Dia
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.312 (33.3)
1.438 (36.5)
1.562 (39.7)
1.688 (42.9)
1. When maximum cable entry (page 22) is exceeded,
Style 2 will be supplied. (Function S only).
2. Metric dimensions (mm) are indicated in parentheses.
3. Consult factory for shorter lengths on straight
backshells.
4. When using Connector Designator B refer to pages 18
and 19 for part number development.
5. Backshells supplied with 600-052-* band, see Glenair
Series 600 Tool Catalog for installation.
See inside back cover
fold-out or pages 13 and
14 for Tables I and II.
440-071
EMI/RFI Dual Banding Adapter
Direct Coupling - Standard Profile
TABLE IV: ELBOW DIMENSIONS
G
Max
.750 (19.1)
.750 (19.1)
.750 (19.1)
.810 (20.6)
.810 (20.6)
.870 (22.1)
.870 (22.1)
.920 (23.4)
.980 (24.9)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.080 (27.4)
1.140 (29.0)
1.140 (29.0)
E
Max
.639 (16.2)
.639 (16.2)
.639 (16.2)
.664 (16.9)
.664 (16.9)
.688 (17.5)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.773 (19.6)
.800 (20.3)
.800 (20.3)
Elbow
Size
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
F
Max
1.328 (33.7)
1.328 (33.7)
1.328 (33.7)
1.358 (34.5)
1.358 (34.5)
1.378 (35.0)
1.378 (35.0)
1.408 (35.8)
1.428 (36.3)
1.428 (36.3)
1.438 (36.5)
1.458 (37.0)
1.458 (37.0)
1.498 (38.0)
1.498 (38.0)
H
Max
1.438 (36.5)
1.438 (36.5)
1.438 (36.5)
1.498 (38.0)
1.498 (38.0)
1.558 (39.6)
1.558 (39.6)
1.628 (41.4)
1.688 (42.9)
1.688 (42.9)
1.708 (43.4)
1.768 (44.9)
1.768 (44.9)
1.848 (46.9)
1.848 (46.9)
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)



Html Pages

1 2