Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TK71542ASCL Datasheet(PDF) 2 Page - TOKO, Inc

No. de pieza TK71542ASCL
Descripción Electrónicos  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKO [TOKO, Inc]
Página de inicio  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71542ASCL Datasheet(HTML) 2 Page - TOKO, Inc

  TK71542ASCL Datasheet HTML 1Page - TOKO, Inc TK71542ASCL Datasheet HTML 2Page - TOKO, Inc TK71542ASCL Datasheet HTML 3Page - TOKO, Inc TK71542ASCL Datasheet HTML 4Page - TOKO, Inc TK71542ASCL Datasheet HTML 5Page - TOKO, Inc TK71542ASCL Datasheet HTML 6Page - TOKO, Inc TK71542ASCL Datasheet HTML 7Page - TOKO, Inc TK71542ASCL Datasheet HTML 8Page - TOKO, Inc TK71542ASCL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page 2
March 2001 TOKO, Inc.
TK715xxAS
ABSOLUTE MAXIMUM RATINGS (V
OUT£ 5.0 V)
Supply Voltage ............................................. -0.4 to 19 V
Power Dissipation (Note 1) ................................ 400 mW
Reverse Bias ............................................................. 8 V
Short Circuit Current ........................................... 170 mA
Storage Temperature (Ambient) .............. -55 to +150 °C
Operating Temperature (Ambient) ............ -30 to +80 °C
Max. Operating Temperature (Junction) ............. 125 °C
Operating Voltage Range ........................... 1.8 to 18.0 V
Junction Temperature ......................................... 150 °C
Lead Soldering Temperature (10 s) ..................... 235 °C
TK715xx ELECTRICAL CHARACTERISTICS (V
OUT £ 5.0 V)
Test conditions: V
IN = VOUT(TYP) + 1V, TA = 25 °C, unless otherwise specified.
Note 1: Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/°C for operation above 25 °C.
Note 2: Refer to “Definition of Terms.”
Note 3: Please refer to the Applications Section for more information.
Note 4: Ripple rejection is measured at V
R = 200 mVrms, VIN = VOUT(TYP) + 2 V, IOUT = 10 mA, CL = 2.2 µF, f = 100 Hz.
Note 5: The minimum operating voltage for V
IN can be 1.8 V. Also, the minimum voltage required for VIN is VIN = VDROP + VOUT. As a result, operating at
V
OUT £ 2.0 V at the minimum input operating voltage is not preferred.
Gen. Note: Parameters with min. or max. values are 100% tested at T
A = 25 °C.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
T
U
O
A
m
0
=5
25
4A
µ
I
D
N
G
t
n
e
r
r
u
C
n
i
P
d
n
u
o
r
GI
T
U
O
A
m
5
1
=0
0
30
0
5A
µ
V
T
U
O
e
g
a
tl
o
V
t
u
p
t
u
OI
T
U
O
A
m
5
=1
e
l
b
a
T
e
e
SV
g
e
R
e
n
i
Ln
o
it
a
l
u
g
e
R
e
n
i
LV
N
I
V
=
)
P
Y
T
(
T
U
O
V
o
t
V
1
+
)
P
Y
T
(
T
U
O
V
6
+3
2
1V
m
g
e
R
d
a
o
Ln
o
it
a
l
u
g
e
R
d
a
o
LI
T
U
O
)
2
e
t
o
N
(
,
A
m
0
0
1
o
t
5
=8
16
3V
m
V
P
O
R
D
)
5
e
t
o
N
(
e
g
a
tl
o
V
t
u
o
p
o
r
D
I
T
U
O
A
m
0
5
=5
0
1
.
08
1
.
0V
I
T
U
O
V
4
.
2
,
A
m
0
0
1
=
£ V
T
U
O
£
V
0
.
56
1
.
08
2
.
0V
I
T
U
O
V
1
.
2
,
A
m
0
0
1
=
£ V
T
U
O
£
V
4
.
26
1
.
00
3
.
0V
I
)
X
A
M
(
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
s
u
o
u
n
it
n
o
C
5
1
15
5
1
A
m
8
.
1
V
£ V
n
i £
)
3
e
t
o
N
(
V
1
.
2
0
70
9
R
Rn
o
it
c
e
j
e
R
e
l
p
p
i
R)
4
e
t
o
N
(0
6B
d
∆V
T
U
O
/
∆T
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TI
T
U
O
A
m
5
=0
3C
°
/
m
p
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com