Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2152FS Datasheet(PDF) 2 Page - Rohm

No. de pieza BU2152FS
Descripción Electrónicos  Serial / Parallel 4-input Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 2 Page - Rohm

  BU2152FS Datasheet HTML 1Page - Rohm BU2152FS Datasheet HTML 2Page - Rohm BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
2/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Thermal derating curve
●
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
BU2050F
BU2092F
BU2092FV
Power Supply Voltage
VDD
-0.3 to +7.0
-0.3 to +7.0
V
Power dissipation 1
Pd1
450 *
1
450 (SOP) *
2
400 (SSOPB) *
3
mW
Power dissipation 2
Pd2
-
550 (SOP) *
4
650 (SSOPB) *
5
mW
Input Voltage
VIN
VSS-0.3 to VDD+0.5
VSS-0.3 to VDD+0.3
V
Output Voltage
Vo
VSS-0.3 to VDD+0.5
VSS to +25.0
V
Operating Temperature
Topr
-40 to +85
-25 to +75
℃
Storage Temperature
Tstg
-55 to +125
-55 to +125
℃
*1 Reduced by 4.5mW/℃ over 25℃
*2 Reduced by 4.5mW/℃ over 25℃
*3 Reduced by 4.0mW/℃ over 25℃
*4 Reduced by 5.5mW/℃ for each increase in Ta of 1℃ over 25℃ (When mounted on a board 50mm×50mm×1.6mm Glass-epoxy PCB).
*5 Reduced by 6.5mW/℃ for each increase in Ta of 1℃ over 25℃ (When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB).
Parameter
Symbol
Limits
Unit
BU2099FV
BD7851FP
BU2152FS
Power Supply Voltage
VDD
-0.3 to +7.0
0 to +7.0
-0.3 to +7.0
V
Power dissipation 1
Pd1
400 (SSOPB) *
6
1450 *
7
800 *
8
mW
Power dissipation 2
Pd2
650 (SSOPB) *
9
-
-
mW
Input Voltage
VIN
VSS-0.3 to VDD+0.3
-0.3 to VCC+0.3
VSS-0.3 to VDD+0.3
V
Output Voltage
Vo
VSS to +25.0
0 to +10
VSS-0.3 to VDD+0.3
V
Operating Temperature
Topr
-40 to +85
-30 to +85
-25 to +85
℃
Storage Temperature
Tstg
-55 to +125
-55 to +150
-55 to +125
℃
*6 Reduced by 4.5mW/℃ over 25℃
*7 Reduced by 11.6mW/℃ over 25℃
*8 Reduced by 8.0mW/℃ over 25℃
*9 Reduced by 6.5mW/℃ for each increase in Ta of 1℃ over 25℃ (When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB).
700
600
500
400
300
200
100
0
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
BU2099FV
85℃
BU2050F
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
85℃
400
200
0
800
600
1200
1000
1600
1400
BU2152FS
BD7851FP
700
600
500
400
300
200
100
0
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
BU2092FV
BU2092F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com