Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2835 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2835
Descripción Electrónicos  85 MHz differential notch filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2835 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2835 Datasheet HTML 1Page - KR Electronics, Inc. 2835 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER 85.000 000 MHz
SPAN 60.000 000 MHz
PRm
23 May 2008 16:24:10
KR Electronics
KR 2835 is a 85 MHz differential notch filter. The filter is de-
signed for a balanced source and load impedance of 100
Ω.
Other passband frequencies are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
• 85 MHz Notch Frequency
• DIP Package
• 100 Ω Differential Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2835 HEYCO-2835 Datasheet
102Kb / 1P
Shorty Bushings
logo
PHOENIX CONTACT
2835079 PHOENIX-2835079 Datasheet
93Kb / 4P
Signal converter - PI-EX-THC-I
logo
Wiha Tools
28352 WIHA-28352 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
logo
PHOENIX CONTACT
2835325 PHOENIX-2835325 Datasheet
215Kb / 6P
PI-EX-ES-1/3
2835341 PHOENIX-2835341 Datasheet
399Kb / 15P
Ex-i NAMUR Isolation Amplifier
More results

Descripción similar - 2835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2787-1 KR-2787-1 Datasheet
60Kb / 2P
64.2 MHz differential notch filter
2787-2 KR-2787-2 Datasheet
59Kb / 2P
84.2 MHz differential notch filter
2788 KR-2788 Datasheet
58Kb / 2P
85 MHz differential lowpass filter
2834 KR-2834 Datasheet
59Kb / 2P
40 MHz differential notch filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
826 MHz Notch Filter
857061 TRIQUINT-857061_15 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
5 MHz Notch Filter
3168-1435 KR-3168-1435 Datasheet
81Kb / 3P
1435 MHz Notch Filter
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com