Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2831 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2831
Descripción Electrónicos  405 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2831 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2831 Datasheet HTML 1Page - KR Electronics, Inc. 2831 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
.5 dB/
REF 0 dB
CENTER
405 . 000
000
MHz
SPAN
50 . 000
000
MHz
Cor
CH2
S31
DEL
5 ns/
REF 10 ns
Cor
Smo
3 May 2008 17:50:22
CH1
S31
LOG
10 dB/
REF 0 dB
START
100 . 000
000
MHz
STOP
3 000 . 000
000
MHz
Cor
3 May 2008 17:53:49
KR Electronics
KR 2831 is a 405 MHz surface mount bandpass filter. The filter
has a minimum 1 dB bandwidth of 30 MHz. Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2831

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2831 HEYCO-2831 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Alpha Wire
2831 ALPHAWIRE-2831 Datasheet
405Kb / 4P
24 (19/36) AWG Silver Plated Copper
logo
Premier Farnell Limited...
2831 DURATOOL-2831 Datasheet
79Kb / 1P
Brass Rods
29/04/09 V1.0
logo
Wiha Tools
2831-10 WIHA-2831-10 Datasheet
63Kb / 1P
Bit slimBit electric
2831-11 WIHA-2831-11 Datasheet
63Kb / 1P
Bit slimBit electric
More results

Descripción similar - 2831

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2792-27 KR-2792-27 Datasheet
371Kb / 2P
27 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com