Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2827 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 2827
Descripción Electrónicos  350 KHz lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2827 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2827 Datasheet HTML 1Page - KR Electronics, Inc. 2827 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START
.100 000 MHz
STOP
.350 000 MHz
C?
PRm
CH2
S 21
delay
REF 0 s
2 us/
C?
Smo
PRm
2 Apr 2008 11:51:51
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.030 000 MHz
STOP
1.000 000 MHz
Cor
PRm
2 Apr 2008 11:50:33
KR Electronics
KR 2827 is a 350 KHz lowpass filter. The filter has a minimum
1.5 dB bandwidth of 350 KHz and greater than 30 dB at 400
KHz. Other passband frequencies are available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
• 350 KHz Lowpass
• SMA Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div & 2 usec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 2827

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
2827 HEYCO-2827 Datasheet
102Kb / 1P
Shorty Bushings
2827 HEYCO-2827 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Alpha Wire
2827 ALPHAWIRE-2827 Datasheet
405Kb / 4P
20 (19/32) AWG Silver Plated Copper
logo
KR Electronics, Inc.
2827-130 KR-2827-130 Datasheet
50Kb / 3P
130 KHz Lowpass
logo
Alpha Wire
2827-2 ALPHAWIRE-2827-2 Datasheet
406Kb / 4P
20 (19/32) AWG Silver Plated Copper
More results

Descripción similar - 2827

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2826 KR-2826 Datasheet
541Kb / 2P
45 KHz lowpass filter
2275-2-BNC KR-2275-2-BNC Datasheet
157Kb / 3P
200 KHz Lowpass Filter
2275-5-BNC KR-2275-5-BNC Datasheet
155Kb / 3P
500 KHz Lowpass Filter
2275-15 KR-2275-15 Datasheet
51Kb / 3P
150 KHz Lowpass
3105-535 KR-3105-535 Datasheet
61Kb / 3P
535 KHz Lowpass Filter
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3201-20-BNC KR-3201-20-BNC Datasheet
58Kb / 3P
20 KHz Lowpass Filter
2928-SMA KR-2928-SMA Datasheet
100Kb / 3P
100 KHz Lowpass Filter
3201-20-SMA KR-3201-20-SMA Datasheet
56Kb / 3P
20 KHz Lowpass Filter
3282-SMA KR-3282-SMA Datasheet
56Kb / 3P
45 KHz Lowpass Filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com