| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM1066C25F38F Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1066C25F38F Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 20 page ![]() April 2008 Rev 4 1/20 1 STM1066 Smart voltage supervisor Features ■ Operating voltage 2.7 V to 5.5 V ■ Supply current of 1.5 µA (typ) ■ Factory-trimmed voltage threshold from 3.2 V to 3.5 V in 50 mV increments ■ ±3% voltage threshold accuracy across temperature ■ Enable and inhibit inputs (EN, INH) ■ Power supply transient immunity ■ Current limited output of 15 mA (max) ■ Available in flip chip 6-bump package ■ Operating temperature –30°C to +85°C Applications ■ Portable devices ■ Cell phones/smart phones ■ PDA ■ Palmtops ■ Organizers ■ Portable audio/video players ■ Portable terminals Flip chip (6-bump) www.st.com |
Número de pieza similar - STM1066C25F38F |
|
Descripción similar - STM1066C25F38F |