Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY7C421-65VC Datasheet(PDF) 2 Page - Cypress Semiconductor

No. de pieza CY7C421-65VC
Descripción Electrónicos  256/512/1K/2K/4K x 9 Asynchronous FIFO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421-65VC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C421-65VC Datasheet HTML 1Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 2Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 3Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 4Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 5Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 6Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 7Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 8Page - Cypress Semiconductor CY7C421-65VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *C
Page 2 of 17
Pin Configurations
Figure 1. 32-Pin PLCC/LCC
Figure 2. 28-Pin DIP
Figure 3. 32-PIn TQFP
Table 1. Selection Guide
4K x 9
–10
–15
–20
–25
–30
–40
–65
Frequency (MHz)
50
40
33.3
28.5
25
20
12.5
Maximum Access Time (ns)
10
15
20
25
30
40
65
ICC1 (mA)
35
35
35
35
35
35
35
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com