| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PCF8579T/1 Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8579T/1 Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 41 page ![]() PCF8579_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 11 May 2009 28 of 41 NXP Semiconductors PCF8579 LCD column driver for dot matrix graphic displays 12. Application information Large display configurations of one PCF8578 and up to 32 PCF8579 can be recognized on the same I2C-bus by using the 4-bit hardware subaddress A[3:0] and the I2C-bus slave address SA0. Table 16. Example of addressing one PCF8578 and 32 PCF8579 Pins connected to VSS are logic 0; pins connected to VDD are logic 1. Cluster SA0 A3 A2 A1 A0 Device PCF8578 - 0 ----0 PCF8579 1 0 00000 00011 00102 00113 01004 01015 01106 01117 10008 10019 101010 101111 110012 110113 111014 111115 2 1 000016 000117 001018 001119 010020 010121 011022 011123 100024 100125 101026 101127 110028 110129 111030 111131 |