Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCM5310PAPR Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
No. de pieza PCM5310PAPR
Descripción Electrónicos  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 54 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 50Page - Texas Instruments PCM5310PAPR Datasheet HTML 51Page - Texas Instruments PCM5310PAPR Datasheet HTML 52Page - Texas Instruments PCM5310PAPR Datasheet HTML 53Page - Texas Instruments PCM5310PAPR Datasheet HTML 54Page - Texas Instruments PCM5310PAPR Datasheet HTML 55Page - Texas Instruments PCM5310PAPR Datasheet HTML 56Page - Texas Instruments PCM5310PAPR Datasheet HTML 57Page - Texas Instruments PCM5310PAPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
Register 33 (21h)
Register 34 (22h)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
33
21h
System clock output disable
RSV
RSV
SC6D
SC5D
SC4D
SC3D
SC2D
SC1D
SC6D: SCK6 Output Disable
SC5D: SCK5 Output Disable
SC4D: SCK4 Output Disable
SC3D: SCK3 Output Disable
SC2D: SCK2 Output Disable
SC1D: SCK1 Output Disable
These bits are used to disable (low-level output) the clock ports (SCK1, SCK2, SCK3, SCK4, SCK5 and SCK6)
in output mode. It is necessary to use these bits with Register 103 (SCS2[2:0], SCS1[2:0]), Register 106
(SCS4[2:0], SCS3[2:0]), and Register 109 (SCS6[2:0], SCS5[2:0]). Each clock port is set to input mode at the
default setting.
Default value: 1
0
Normal output
1
Disable, low-level output (default)
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
34
22h
LRCK and BCK output disable at master mode
RSV
RSV
LB6D
LB5D
LB4D
LB3D
LB2D
LB1D
LB6D: LRCK6 and BCK6 Output Disable
LB5D: LRCK5 and BCK5 Output Disable
LB4D: LRCK4 and BCK4 Output Disable
LB3D: LRCK3 and BCK3 Output Disable
LB2D: LRCK2 and BCK2 Output Disable
LB1D: LRCK1 and BCK1 Output Disable
These bits are used to disable (low-level output) the LRCK/BCK ports (LRCK1/BCK1, LRCK2/BCK2,
LRCK3/BCK3, LRCK4/BCK4, LRCK5/BCK5 and LRCK6/BCK6) in output mode. It is necessary to use these bits
with Register 101 (LBS2[3:0], LBS1[3:0]), Register 104 (LBS4[3:0], LBS3[3:0]), and Register 107 (LBS6[3:0],
LBS5[3:0]). Each LRCK/BCK port is set to input mode at the default setting.
Default value: 1
0
Normal output
1
Disable, low-level output (default)
54
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com