Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76715Q Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS76715Q
Descripción Electrónicos  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76715Q Datasheet(HTML) 2 Page - Texas Instruments

  TPS76715Q Datasheet HTML 1Page - Texas Instruments TPS76715Q Datasheet HTML 2Page - Texas Instruments TPS76715Q Datasheet HTML 3Page - Texas Instruments TPS76715Q Datasheet HTML 4Page - Texas Instruments TPS76715Q Datasheet HTML 5Page - Texas Instruments TPS76715Q Datasheet HTML 6Page - Texas Instruments TPS76715Q Datasheet HTML 7Page - Texas Instruments TPS76715Q Datasheet HTML 8Page - Texas Instruments TPS76715Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS76715Q, TPS76718Q, TPS76725Q, TPS76727Q
TPS76728Q, TPS76730Q TPS76733Q, TPS76750Q, TPS76701Q
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
SLVS208C – MAY 1999 – REVISED SEPTEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 230 mV
at an output current of 1 A for the TPS76750) and is directly proportional to the output current. Additionally, since
the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output
loading (typically 85
µA over the full range of output current, 0 mA to 1 A). These two key specifications yield
a significant improvement in operating life for battery-powered systems. This LDO family also features a sleep
mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to
1
µA at TJ = 25°C.
The RESET output of the TPS767xx initiates a reset in microcomputer and microprocessor systems in the event
of an undervoltage condition. An internal comparator in the TPS767xx monitors the output voltage of the
regulator to detect an undervoltage condition on the regulated output voltage.
The TPS767xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V and 5.0-V fixed-voltage versions and
in an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 2% over line, load, and temperature ranges. The TPS767xx family is available in 8 pin SOIC
and 20 pin PWP packages.
AVAILABLE OPTIONS
TJ
OUTPUT
VOLTAGE
(V)
PACKAGED DEVICES
J
TYP
TSSOP
(PWP)
SOIC
(D)
5.0
TPS76750Q
TPS76750Q
3.3
TPS76733Q
TPS76733Q
3.0
TPS76730Q
TPS76730Q
2.8
TPS76728Q
TPS76728Q
– 40
°Cto125°C
2.7
TPS76727Q
TPS76727Q
–40 C to 125 C
2.5
TPS76725Q
TPS76725Q
1.8
TPS76718Q
TPS76718Q
1.5
TPS76715Q
TPS76715Q
Adjustable
1.5 V to 5.5 V
TPS76701Q
TPS76701Q
The TPS76701 is programmable using an external resistor divider (see application
information). The D and PWP packages are available taped and reeled. Add an R
suffix to the device type (e.g., TPS76701QDR).
† See application information section for capacitor selection details.
RESET
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
14
13
VI
0.1
µF
RESET
VO
10
µF
+
TPS767xx
CO†
Figure 1. Typical Application Configuration (For Fixed Output Options)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com