Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PCS812PIUKF Datasheet(PDF) 6 Page - PulseCore Semiconductor

No. de pieza PCS812PIUKF
Descripción Electrónicos  5-Pin 關P Voltage Supervisor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PULSECORE [PulseCore Semiconductor]
Página de inicio  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS812PIUKF Datasheet(HTML) 6 Page - PulseCore Semiconductor

  PCS812PIUKF Datasheet HTML 1Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 2Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 3Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 4Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 5Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 6Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 7Page - PulseCore Semiconductor PCS812PIUKF Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
January 2007
PCS811/PCS812
rev 0.1
5-Pin µP Voltage Supervisor with Manual Reset
6 of 8
Notice: The information in this document is subject to change without notice.
Ordering Information
Part #
Threshold Voltage
Temperature Range
Package
Top Marking
PCS811LIUKF
4.6
-40°C to +85°C
5-SOT-23
BQ46P
PCS811MIUKF
4.4
-40°C to +85°C
5-SOT-23
BQ44P
PCS811JIUKF
4.0
-40°C to +85°C
5-SOT-23
BQ40P
PCS811TIUKF
3.1
-40°C to +85°C
5-SOT-23
BQ31P
PCS811SIUKF
2.9
-40°C to +85°C
5-SOT-23
BQ29P
PCS811QIUKF
2.7
-40°C to +85°C
5-SOT-23
BQ27P
PCS811RIUKF
2.6
-40°C to +85°C
5-SOT-23
BQ26P
PCS811PIUKF
2.3
-40°C to +85°C
5-SOT-23
BQ23P
PCS812 ACTIVE HIGH RESET, LEAD FREE DEVICE
PCS812LIUKF
4.6
-40°C to +85°C
5-SOT-23
BR46P
PCS812MIUKF
4.4
-40°C to +85°C
5-SOT-23
BR44P
PCS812JIUKF
4.0
-40°C to +85°C
5-SOT-23
BR40P
PCS812TIUKF
3.1
-40°C to +85°C
5-SOT-23
BR31P
PCS812SIUKF
2.9
-40°C to +85°C
5-SOT-23
BR29P
PCS812QIUKF
2.7
-40°C to +85°C
5-SOT-23
BR27P
PCS812RIUKF
2.6
-40°C to +85°C
5-SOT-23
BR26P
PCS812PIUKF
2.3
-40°C to +85°C
5-SOT-23
BR23P
Note:
For parts to be packed in tape and reel, add “T” at the end of the part number
PulseCore Semiconductor parts are RoHS Compliant. All parts are lead free by default.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com